Part Number Hot Search : 
M74HC3 2010D 5KP90A A1512 TFS140X LTC6257 1N3909 TIP120
Product Description
Full Text Search
 

To Download 4391-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pomona(R)
Model 4391 BNC Resistor Attenuator
FEATURES: * Use to add series resistance to coaxial lines with BNC connectors MATERIALS: Body and Fittings: Brass, Alloy 360, 1/2 Hard Center Contact: Male - Brass, Alloy 360, 1/2 Hard Female - Beryllium Copper per ASTM B196 and B197 Cond. HT Outer Contact: Beryllium Copper, per ASTM B196 and B197 Cond. HT. Dielectric: Teflon per ASTM D1457 Gasket/Seals: Silicone rubber per ZZ-R-765, Class 11, Grade 50
Resistor: Non-inductive film resistor Finish: Body and Fittings: Tarnish resistant Center Contact: Male - Gold plated Outer Contact: Tarnish resistant Marking: "Pomona 4391-50 2W" "50 Ohm Attenuator" RATINGS: Operating Temperature: +102 C (+216 F) Max. Frequency Range: DC to 500 MHz Resistance Tolerance +1% Power: 2W @ 25 C. Max ORDERING INFORMATION: Model 4391 See table above.
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA
6/9/99 SY/EH/LS
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
PomonaACCESS 90262 (800) 444-6785 or (425) 446-6010 More drawings available at www.pomonaelectronics.com
Page 1 of 1
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4391_1_01.doc


▲Up To Search▲   

 
Price & Availability of 4391-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X